Part Number Hot Search : 
2W005 5020PK DFB2020 KM611001 SBR1003 32024 80C186EC BR100
Product Description
Full Text Search
 

To Download 1F110246-S11CS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  all specification & dimensions are subject to change, please call your nearest foxconn sales representative for update informat ion. specifications future bus connector 1f series, plug. solder fit type 2.0mm [.078?] pitch 4rows mechanical contact retention force: 1.02kg(2.3lb)min. durability: 250 cycles electrical voltage rating : 750v current rating: 1a contact resistance: row a:25m ? max. row b:35m ? max. row c:40m ? max. row d:45m ? max. dielectrical withstanding voltage: 1000v insulation resistance: 1000m ? min. physical housing: lcp, ul 94-0, ivory white contact: phosphor bronze plating: see ?ordering information? drawing ordering inf or mation (see table) selective pin pattern body style t s i l t r a p * * s - * 4 2 0 1 1 f 1 s: solder type tail style 0.25um(10u")min. gold included. a:0.76um(30u")min. fpt plating, 6:0.25um(10u")min. gold plating 5:1.27um(50u")min. gold plating 3:0.76um(30u")min. gold plating 1:gold flash plating spec. 024: 24pos. pos. no. -* lead free code n:none f:lead free plating c s code dimensions dim.t dim.m 11 12 13 2.9mm 2.9mm 2.9mm 5.0mm 5.75mm 6.50mm configuration 1 2 3 45 6 a b c d 11 11 11 11 11 11 11 11 11 11 11 11 11 11 11 11 11 11 13 13 13 13 13 13 product number 1f110243-s01cs-f


▲Up To Search▲   

 
Price & Availability of 1F110246-S11CS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X